PART |
Description |
Maker |
BR400 BR400-12S-P |
Over Current Protection (Hiccup Mode) Input under Voltage Protection
|
Arch Electronics Corp.
|
BTS941 |
Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BSP550 Q67000-S311 |
From old datasheet system MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
RT9526 |
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
|
Richtek Technology Corporation
|
NE57607GDH NE57607_1 NE57607YDH NE57607 NE57607C N |
Two-cell Lithium-ion battery protection with overcurrent, over- and under-voltage protection 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Two-cell Lithium-ion battery protection with overcurrent over- and under-voltage protection From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
AD7303 AD7303BRM AD7303BN AD7303BR |
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection 2.7 V to 5.5 V/ Serial Input/ Dual Voltage Output 8-Bit DAC
|
http:// Analog Devices, Inc.
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
ADP3367 ADP3367AR |
2nd Level Over Voltage Protection for 2, 3, or 4 Cell LiIon & LiPoly Batteries (2nd Lev Protection) 8-SM8 5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
SP721 |
Electronic Protection Array for ESD snd Over Voltage Protection
|
Harris
|
BT148-600R BT148 BT148-400R BT148-500R |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 12V; 2:1 Wide Input Voltage Range; 10 Watts Thyristors logic level
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|